Part Number Hot Search : 
LC75392 CS5525 TPS2060C 155200 HWD2111 SD501 1N4979D DS1227S
Product Description
Full Text Search
 

To Download SB1645FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB1645FCT
SCHOTTKY BARRIER RECTIFIER
VOLTAGE: 45V CURRENT: 16.0A
FEATURE
High current capability, Low forward voltage drop Low power loss, high efficiency High surge capability High temperature soldering guaranteed 250 /10sec/0.375" lead length at 5 lbs tension C
ITO-220AB
MECHANICAL DATA
Case: JEDEC ITO-220 molded plastic body over passivated chip Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Tc=125C Average Forward Rectified Current at Vrrm Vrms Vdc If(av) Ifsm Vf Ir Rth(jc) Tj Tstg
SB1645FCT
45 31.5 45 16 150 0.57
units
V V V A A V mA /W C C
Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load per leg Maximum Forward Voltage per leg and 25C at 8A Maximum Reverse Current per leg at working peak reverse voltage Typical Thermal Resistance per leg Operating Junction Temperature Range Storage Temperature Range
Note: 1.Thermal Resistance from Junction to Case
Tj =25 Tj =125 (Note 1)
0.2 40.0
4.0 -65 to +150 -65 to +175
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SB1645FCT
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of SB1645FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X